Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 22Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 23Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 24Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 25Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 26Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 27Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 28Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 29Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
26
Operating input amplitude range
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
FMIN (FMH, FML)
VFM
⎯
FMH, FML mode,
fIN = 30 to 130 MHz
0.2
~
VDD −
0.5
Vp-p
FMIN (FML)
VFML
⎯
FML mode, fIN = 30 to 150
MHz
0.3
~
VDD −
0.5
Vp-p
AMIN (HF)
VHF
⎯
HF mode, fIN = 1 to 40 MHz
0.2
~
VDD −
0.5
Vp-p
AMIN (LF)
VLF
⎯
LF mode, fIN = 0.5 to 20 MHz
0.2
~
VDD −
0.5
Vp-p
IFIN1, IFIN2
VIF
⎯
fIN = 0.1 to 15 MHz
0.2
~
VDD −
0.5
Vp-p
OT1 to OT4 N-ch open drain
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
Output current
“L” level
IOL1
⎯
VOL = 1.0 V
5.0
10.0
⎯
mA
OFF-leak current
IOFF
⎯
VOFF = 12 V
⎯
⎯
2.0
µA
I/O-5 to I/O-9, SCIN
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
“H” level
VIH1
⎯
0.7
VDD
~
VDD
Input voltage
“L” level
VIL1
⎯
⎯
0
~
0.3
VDD
V
“H” level
IIH
VIH = 5 V
⎯
⎯
2.0
Input current
“L” level
IIL
⎯
VIL = 0 V
⎯
⎯
−2.0
µA
“H” level
IOH4
VOH = 4.0 V (except SCIN)
−2.0
−4.0
⎯
Output current
“L” level
IOL4
⎯
VOL = 1.0 V (except SCIN)
2.0
4.0
⎯
mA
PERIOD, CLOCK, DATA
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ
Max
Unit
“H” level
VIH2
⎯
0.8
VDD
~
VDD
Input voltage
“L” level
VIL2
⎯
⎯
0
~
0.2
VDD
V
“H” level
IIH
VIH = 5 V
⎯
⎯
2.0
Input current
“L” level
IIL
⎯
VIL = 0 V
⎯
⎯
−2.0
µA
“H” level
IOH5
VOH = 4.0 V (DATA)
−1.0
−3.0
⎯
Output current
“L” level
IOL5
⎯
VOL = 1.0 V (DATA)
1.0
3.0
⎯
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com