Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 11Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 12Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 13Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 14Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 15Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 16Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 17Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 18Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
15
General-Purpose I/O Ports
These LSIs feature general-purpose output and I/O ports that are controlled through the serial ports.
Input/Output Form
TC9256APG, TC9256AFG
TC9257APG, TC9257AFG
Input/Output Configuration
Output ports
Dedicated: 3 ports
Maximum: 4 ports
(1 port for CMOS output)
Dedicated: 4 ports
N-channel open-drain output
I/O ports
Maximum: 2 ports
Dedicated: 1 port
Maximum: 5 ports
CMOS input/output
1.
General-Purpose Output Ports (OT-1to OT-4)
Pins OT-1to OT-4 are general-purpose dedicated output ports used for control signal output. They are
configured for N-channel open-drain output and have an off withstanding voltage of 12 V.
The data set in bits O1to O4 of the input register (D2H) are output in parallel from their corresponding
dedicated output port pins OT-1to OT-4. The TC9256APG and TC9256AFG do not have the dedicated
output port OT-4, but setting the input register (D2H) CLK (O4C) bit to “1” converts pin DO2 into an output
port OT-4 (configured for CMOS output).
The data set in bits O1to O4 of the input register (D2H) can also be read from the DATA pins as output
register (D3H) serial data O1to O4.
(1)
TC9257APG and TC9257AFG
(2)
TC9256APG and TC9256AFG
Note 1: Bit names in parentheses “(
)” apply to the TC9256APG and TC9256AFG.
Note 2: (*1) indicates the output state when the DO2/OT-4 pin is switched for use as an OT-4 output pin
(configured for CMOS output).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com