Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 9Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 10Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 11Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 12Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 13Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 14Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 15Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 16Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
13
(3)
Bits M7, M8 and M9................. M7 (*1) sets the state for pin I/O-7/SCIN; M8 (M5) sets the state for pin
I/O-8/IFIN1; M9 (M6), for pin I/O-9/IFIN2.
These operations are valid when bits SC, IF1 and IF2 are all set to 1.
Note1:
Bits marked with an asterisk “(*)” are don’t-care.
Note2:
Bit names in parentheses “(
)” apply to the TC9256APG and TC9256AFG.
Note3:
Bits marked with (*1) cannot be set on the TC9256APG and TC9256AFG.
(4)
Bits f0 to f19.............................. The general-purpose counter results can be read in binary from bits f0
to f19 of the output register (D1H).
(5)
OVER and BUSY bits............... Detect the operating state of the general-purpose counter.
Note:
When using the general-purpose counter, confirm that the BUSY bit is “0” (counting is ended) and
the OVER bit is “0” (general-purpose counter data is normal) before referring to the contents of the
general-purpose counter result bits (f0 to f19).
(6)
START bit ................................. When the data is set to “1”, the general-purpose counter is reset; then
counting start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com