Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 17Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 18Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 19Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 20Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 21Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 22Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 23Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 24Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
21
Note:
The asterisk “(*)” indicates an error state of over 180° phase difference relative to the reference
frequency.
2.
Phase Error Detection Bits (PE1to PE3)
The unlock bit detects, using the reference frequency cycle, the phase difference between the reference
frequency and the divided output of the programmable counter. The phase error detection bits (bits PE1to
PE3) are capable of precise phase error detection of
±0.55 to ±7.15 µs using the reference frequency cycle.
(If the UNLOCK bit is set to “1” and the phase difference relative to the reference frequency is over 180°,
bits PE1 to PE3 cannot correctly detect the phase error. Therefore, bits PE1to PE3 are normally used when
the UNLOCK bit is set to “0”.) Bits PE1to PE3 detects phase error normally when the phase difference is
−180°to 180° relative to the reference frequency cycle.
The phase error data can be read from the output register (D3H) as serial data PE1 to PE3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com