Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 20Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 21Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 22Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 23Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 24Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 25Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 26Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 27Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
24
(2)
On the TC9256APG and TC9256AFG, the O4C bit controls switching of the DO2 pin and OT-4 pin.
• When bits R0 to R3 of the input register (D0H) are all set to “1” (standby mode)
• When one of bits R0 to R3 of the input register (D0H) is set to “0” (not standby mode)
2.
DOHZ Bit ................................................. Controls the DO2 pin output state.
3.
TEST Bit .................................................. Data should normally be set to “0”.
Note:
Bit names in parentheses “(
)” apply to the TC9256APG and TC9256AFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com