Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 14Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 15Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 16Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 17Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 18Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 19Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 20Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 21Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
18
Note1:
Bit names in parentheses “(
)” apply to the TC9256APG and TC9256AFG.
Note2:
Bits marked with (*1) cannot be set on the TC9256APG and TC9256AFG.
Data is “0” for bits marked with (*2) on the TC9256APG and TC9256AFG.
Note3:
When pins I/O-5 to I/O-9 are used for output, the data in I5~I9 of the output register (D3H) is
undefined.
Note4:
When power is turned on, input register (D2H) I/O port control bits C5, C6 and M7 to M9 and
output data bits O5 to O9 are set to “0”.
(General-purpose I/O ports are set as input ports. Pins used both as general-purpose I/O ports
and general-purpose counter input are set for I/O port input. The output state of general-purpose
output ports is set to high impedance (N-channel open drain output
= off).
Note5:
On TC9256APG and TC9256AFG, pins I/O-5 and I/O-6 also serve as general-purpose counter
input pins. Therefore, bits IF1 and IF2 of input register 2 must be set to “0” when these pins are
used as I/O ports.
A typical example of data setting for general-purpose counter and I/O port use is shown below.
• TC9257APG and TC9257AFG
As shown above, the pins can be switched as required to enable use as an I/O port or general-purpose
counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com