Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9256AFG Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TC9256AFG
Description  PLL for DTS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9256AFG Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TC9256AFG Datasheet HTML 12Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 13Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 14Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 15Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 16Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 17Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 18Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 19Page - Toshiba Semiconductor TC9256AFG Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
TC9256, 57APG/AFG
2006-07-14
16
(3) Output register ......................... The data set in bits O1 to O4 of the input register can be read as serial
data O1 to O4 from the output register (D3H).
2.
General-Purpose I/O Ports (I/O-5 to I/O-9)
Pins I/O-5 to I/O-9 are general-purpose I/O ports used for control signal input and output. They are
configured for CMOS input and output.
These I/O ports are set for input or output using bits C5, C6 and M7 to M9 of the input register (D2H).
Setting bits C5, C6 and M7 to M9 to “0” sets these ports for input. Data input in parallel from I/O-5to
I/O-9 are latched in the internal register at the ninth falling edge of the serial clock signal. The data can
then be read as serial data I5 to I9 from the DATA pins.
Setting bits C5, C6 and M7 to M9 to “1” sets these ports for output.
Data set in bits O5 to O9 of the input register (D2H) is output in parallel from their corresponding
general-purpose I/O port pins I/O-5 to I/O-9.
These operations are valid when bits SC, IF1, IF2 and CLK are all set to “0”.
(1)
TC9257APG and TC9257AFG
• Setting data for output ports
Note1:
On TC9257APG and TC9257AFG, pins I/O-7to I/O-9 also serve as general-purpose counter
input pins. Therefore, bits SC, IF1 and IF2 of the input register (D2H) must be set to “0” when
pins I/O-7to I/O-9 are used for I/O ports. Since pin I/O-5 also serves as the CLK pin, the CLK
bit of the input register (D2H) must be set to “0” when pin I/O-5 is used as an I/O port.
Note2:
Bit names in parentheses “(
)” apply to the TC9256APG and TC9256AFG.
Note3:
Bits marked with (*1) cannot be set on the TC9256APG and TC9256AFG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com