Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 3Page - STMicroelectronics L6924D Datasheet HTML 4Page - STMicroelectronics L6924D Datasheet HTML 5Page - STMicroelectronics L6924D Datasheet HTML 6Page - STMicroelectronics L6924D Datasheet HTML 7Page - STMicroelectronics L6924D Datasheet HTML 8Page - STMicroelectronics L6924D Datasheet HTML 9Page - STMicroelectronics L6924D Datasheet HTML 10Page - STMicroelectronics L6924D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
L6924D
Maximum ratings
7/38
3
Maximum ratings
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
3.1
Absolute maximum ratings
3.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input voltage
–0.3 to 16
V
VINSNS, SD
Input voltage
–0.3 to VIN
V
VOUT, VOSNS
Output voltage
–0.3 to 5
V
ST1, ST2
Output voltage
–0.3 to 6
V
Output current
30
mA
VREF, TH, IEND, IPRG,
VPRE, IPRE, VOPRG,
TPRG, GND
–0.3 to 4
V
ST1 and TH pins
Maximum Withstanding Voltage Range Test Condition:
CDFAEC-Q100-002 (Normal “Human Body Model”
Acceptance Criteria Performance)
±1.5
kV
Other pins
±2
kV
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient (1)
1.
Device mounted on Demo board
75
°C/W
TSTG
Storage temperature range
–55 to 150
°C
TJ
Junction temperature range
–40 to 125
°C
PTOT
Power dissipation at T= 70°C
TBD
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com