Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 17Page - STMicroelectronics L6924D Datasheet HTML 18Page - STMicroelectronics L6924D Datasheet HTML 19Page - STMicroelectronics L6924D Datasheet HTML 20Page - STMicroelectronics L6924D Datasheet HTML 21Page - STMicroelectronics L6924D Datasheet HTML 22Page - STMicroelectronics L6924D Datasheet HTML 23Page - STMicroelectronics L6924D Datasheet HTML 24Page - STMicroelectronics L6924D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
L6924D
Applications information: charging process
21/38
7.6
Recharge flow chart
Figure 15. Recharge flow chart
7.7
Recharge threshold
When, from an End-of-Charge condition, the battery voltage goes lower than the recharging
threshold (VRCH), the device goes back in charging state. The value of the recharge threshold
is VOPRG–150mV.
END of CHARGE
VBAT
>
VRCH
Detect Low
VBAT
>
VPRETH
FAST CHARGE
Detect High
VBAT
>
VRCH
BATTERY
ABSENT
PRE CHARGE
FAULT
IND FAULT
VBAT
>
VRCH
Detect High Fault
VBAT
<
VABS
Detect Low Fault
VBAT
>
VPRETH
BATTERY
ABSENT
YES
NO
NO
NO
YES
YES
NO
YES
NO
NO
YES
YES
DETECT LOW = a ISINK is sunk for a TDET from the battery
DETECT HIGH = a IINJ is injected for a TDET in the battery
DETECT LOW FAULT = a ISINK is sunk for a TDET from the battery
DETECT HIGH FAULT = a IINJ is injected for a TDET in the battery
VABS = VOPRG – 50mV
VRCH = VOPRG – 150mV
TDET = 100ms (Typ.)
ISINK = IINJ = 1mA (Typ.)
RETURN TO CHARGING PROCESS
FLOW CHART
GO TO BATTERY ABSENT
FLOW CHART
FROM CHARGING PROCESS FLOW CHART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com