Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 18Page - STMicroelectronics L6924D Datasheet HTML 19Page - STMicroelectronics L6924D Datasheet HTML 20Page - STMicroelectronics L6924D Datasheet HTML 21Page - STMicroelectronics L6924D Datasheet HTML 22Page - STMicroelectronics L6924D Datasheet HTML 23Page - STMicroelectronics L6924D Datasheet HTML 24Page - STMicroelectronics L6924D Datasheet HTML 25Page - STMicroelectronics L6924D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Applications information: charging process
L6924D
22/38
7.8
Maximum charging time
To avoid the charging of a dead battery for a long time, the L6924D has the possibility can be
set a maximum charging time starting from the beginning of the Fast-Charge Phase. This timer
can be set with a capacitor, connected between the TPRG pin and GND. The CTPRG is the
external capacitor (in nF) and is given by the following formula:
Note:
The maximum recommended CTPRG value must be less than 50 nF.
Figure 16. TPRG pin connection
Where,
VREF = 1.8V,
KT = 279 x 10
5,
VBG = 1.23V, and
TMAXCH is the charging time given in seconds.
If the battery does not reach the End-of-Charge condition before the time expires, a fault is
issued.
Also during the Pre-Charge Phase there is a safety timer, given by:
If this timer expires and the battery voltage is still lower than VPRETH, a fault signal is generated,
and the charge process is terminated.
9
10
×
×
=
REF
PRG
BG
T
MAXCH
TPRG
V
R
V
K
T
C
Eq: 8-6
TPRG
L6924D
CTPRG
MAXCH
MAXPRECH
T
T
×
=
8
1
Eq: 8-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com