Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 19Page - STMicroelectronics L6924D Datasheet HTML 20Page - STMicroelectronics L6924D Datasheet HTML 21Page - STMicroelectronics L6924D Datasheet HTML 22Page - STMicroelectronics L6924D Datasheet HTML 23Page - STMicroelectronics L6924D Datasheet HTML 24Page - STMicroelectronics L6924D Datasheet HTML 25Page - STMicroelectronics L6924D Datasheet HTML 26Page - STMicroelectronics L6924D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
L6924D
Applications information: charging process
23/38
7.9
Termination modes
As shown in Figure 17, it is possible to set an end of charge current IENDTH connecting a
resistor between the IEND pin and GND. When the charge current goes down to this value, after
de-glitch time, the status pins notify that the charge process is complete. This de-glitch time
expressed as:
However, the termination of the charger process depends on the status of the VPRE pin:
If the voltage at the VPRE pin is higher than 0.8V, the charger process is actually
terminated when the charge current reaches IENDTH.
If the voltage at VPRE pin goes lower than 0.8V, the charge process does not terminate,
and the charge current can go lower than IENDTH. The status pins notify the End-of-Charge
as a fault condition, but the device continues the charge. When the TMAXCH is elapsed, the
charge process ends, and a fault condition is issued.
If the voltage on VPRE pin is lower than 0.8V during the Pre-charge Phase, the device sets
the VPRETHDefault automatically.
If the voltage at the VPRE pin goes lower than 0.5V (edge sensitive), the timer is reset, both
in Pre-Charge and in Fast-Charge Phase.
Figure 17. Charge termination flow chart
220
MAXCH
DEGLITCH
T
T
=
Eq: 8-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com