Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 14Page - STMicroelectronics L6924D Datasheet HTML 15Page - STMicroelectronics L6924D Datasheet HTML 16Page - STMicroelectronics L6924D Datasheet HTML 17Page - STMicroelectronics L6924D Datasheet HTML 18Page - STMicroelectronics L6924D Datasheet HTML 19Page - STMicroelectronics L6924D Datasheet HTML 20Page - STMicroelectronics L6924D Datasheet HTML 21Page - STMicroelectronics L6924D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Applications information: charging process
L6924D
18/38
7.2
Pre-charge current
The L6924D allows pre-charging the battery with a low current when the battery voltage is
lower than a specified threshold (VPRETH). The Pre-charge current has a default value equal to
10% of the fast-charge current (see Chapter 7.2: Pre-charge current on page 18). However it
can be adjusted by connecting a resistor from the IPRE pin to GND or VREF Figure 10. When the
resistor is connected from IPRE pin and GND, the current is higher than the default value. The
RPRE value is given by:
Figure 10. IPRE pin connection
When RPRE is connected to VREF, the current is lower than the default value. VREF is the
external reference equal to 1.8V, VBG is the internal reference equal to 1.23V and KPRE is a
constant equal to 950.Figure 11
The relationship is shown in the equation 8.2:
Figure 11. IPRE pin connection
PRG
BG
PRE
PRECH
BG
PRE
R
V
K
I
V
R
−
=
Eq: 8-1
L6924D
I
PRE
L6924D
I
PRE
PRE
PRECH
PRG
BG
BG
REF
PRE
K
I
R
V
V
V
R
−
−
=
Eq: 8-2
V
REF
L6924D
I
PRE
V
REF
L6924D
I
PRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com