Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 8Page - STMicroelectronics L6924D Datasheet HTML 9Page - STMicroelectronics L6924D Datasheet HTML 10Page - STMicroelectronics L6924D Datasheet HTML 11Page - STMicroelectronics L6924D Datasheet HTML 12Page - STMicroelectronics L6924D Datasheet HTML 13Page - STMicroelectronics L6924D Datasheet HTML 14Page - STMicroelectronics L6924D Datasheet HTML 15Page - STMicroelectronics L6924D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Operation description
L6924D
12/38
When the VPRE pin is not used to program the Pre-Charge voltage threshold, it has two
different functions:
●
If the voltage across VPRE pin is lower than 0.8V, when I < IENDTH, the end of charge in
notified by the status pin, but the charging process is not disabled. The charge process
ends when the maximum charging time expires.
●
If pin VPRE goes lower than 0.5V the timer is reset on the falling edge.
Battery disconnection control is provided thanks to the differentiated sensing and forcing output
pins. A small current is sunk and forced through VOUT. If VOSNS doesn’t detect the battery, the
IC goes into a standby mode.
Figure 5 shown the real charging profile of a Li-Ion battery, with a Fast Charge current of
450mA (RPRG = 26KΩ),
Figure 5.
Li-Ion charging profile
Charging profile
0.00 0
0.05 0
0.10 0
0.15 0
0.20 0
0.25 0
0.30 0
0.35 0
0.40 0
0.45 0
0.50 0
0
2 00
400
60 0
8 00
10 00
1 200
Charging tim e (sec )
0.00 0
0.50 0
1.00 0
1.50 0
2.00 0
2.50 0
3.00 0
3.50 0
4.00 0
4.50 0
Ichg
Vb att



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com