Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 9Page - STMicroelectronics L6924D Datasheet HTML 10Page - STMicroelectronics L6924D Datasheet HTML 11Page - STMicroelectronics L6924D Datasheet HTML 12Page - STMicroelectronics L6924D Datasheet HTML 13Page - STMicroelectronics L6924D Datasheet HTML 14Page - STMicroelectronics L6924D Datasheet HTML 15Page - STMicroelectronics L6924D Datasheet HTML 16Page - STMicroelectronics L6924D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
L6924D
Operation description
13/38
6.1
Linear mode
When operating in Linear Mode, the device works in a way similar to a linear regulator with a
constant current limit protection.
It charges the battery in three phases:
Pre-charging current ("Pre-Charge" phase).
Constant current ("Fast-Charge" phase).
Constant voltage ("Voltage Regulation" phase).
VADP is the output voltage of the upstream AC-DC adapter that is, in turn, the input voltage of
the L6924D. If the battery voltage is lower than a set pre-charge voltage (VPRETH), the pre-
charge phase takes place. The battery is pre-charged with a low current IPRE (Chapter 7.2 on
page 18).
When the battery voltage goes higher than VPRETH, the battery is charged with the Fast Charge
current ICHG, set with an external resistor (Chapter 7.4 on page 19).
Finally, when the battery voltage is close to the regulated output voltage VOPRGTH (4.1V or
4.2V), the voltage regulation phase takes place and the charging current is reduced. The
charging process usually is terminated when the charging current reaches a set value or when
a charging timer expires (Chapter 7.9 on page 23).
Figure 6 shows the different phases.
Figure 6.
Typical charge curves in linear mode
End
Charge
Voltage-Regulation
Phase
Power dissipation
Pre-Charge
Phase
Fast-Charge
Phase
I
PRETH
I
CHG
V
OPRGTH
Battery Voltage
Charge Current
Adapter Voltage
V
ADP
V
PRETH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com