Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 26Page - STMicroelectronics L6924D Datasheet HTML 27Page - STMicroelectronics L6924D Datasheet HTML 28Page - STMicroelectronics L6924D Datasheet HTML 29Page - STMicroelectronics L6924D Datasheet HTML 30Page - STMicroelectronics L6924D Datasheet HTML 31Page - STMicroelectronics L6924D Datasheet HTML 32Page - STMicroelectronics L6924D Datasheet HTML 33Page - STMicroelectronics L6924D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Additional applications information
L6924D
30/38
9
Additional applications information
9.1
Selecting input capacitor
In most applications, a 1µF ceramic capacitor, placed close to the VIN and VINSN pins can be
used to filter the high frequency noise.
9.1.1
Selecting output capacitor
Typically, 1µF ceramic capacitor placed close to the VOUT and VOUTSN pin is enough to keep
voltage control loop stable. This ensures proper operation of battery absent detection in
removable battery pack applications.
9.2
Layout guidelines and demoboard description
The thermal loop keeps the device at a constant temperature of approximately 120°C which in
turn, reduces ICHG. However, in order to maximize the current capability, it is important to
ensure a good thermal path. Therefore, the exposed pad must be properly soldered to the
board and connected to the other layer through thermal vias. The recommended copper
thickness of the layers is 70
µm or more.
The exposed pad must be electrically connected to GND. Figure 24 shows the thermal image of
the board with the power dissipation of 1W. In this instance, the temperature of the case is
89°C, but the junction temperature of the device is given by the following formula:
Where the RTH J-A of the device mounted on board is 75°C/W, the power dissipated is 1W, and
the ambient temperature is 25°C.
In this case the junction temperature is:
AMB
DISS
A
THJ
J
T
P
R
T
+
×
=
−
Eq: 10-1
C
T
J
o
100
25
1
75
=
+
×
=
Eq: 10-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com