Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 12Page - STMicroelectronics L6924D Datasheet HTML 13Page - STMicroelectronics L6924D Datasheet HTML 14Page - STMicroelectronics L6924D Datasheet HTML 15Page - STMicroelectronics L6924D Datasheet HTML 16Page - STMicroelectronics L6924D Datasheet HTML 17Page - STMicroelectronics L6924D Datasheet HTML 18Page - STMicroelectronics L6924D Datasheet HTML 19Page - STMicroelectronics L6924D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Operation description
L6924D
16/38
Neglecting the voltage drop across the charger (
∆V
MOS) when the device operates in this
condition, its input voltage is equal to the battery one, and so a very low operating input voltage
(down to 2.5V) is required. The power dissipated by the device during this phase is:
When the battery voltage approaches the final value, the charger gets back the control of the
current, reducing it. Due to this, the upstream adapter exits the current limit condition and its
output goes up to the regulated voltage VADP. This is the worst case in power dissipation:
In conclusion, the advantage of the linear charging approach is that the designer has the direct
control of the charge current, and consequently the application can be very simple. The
drawback is the high power dissipation.
The advantage of the Quasi-Pulse charging method is that the power dissipated is dramatically
reduced. The drawback is that a dedicated upstream adapter is required.
2
)
(
LIM
on
DS
CH
I
R
P
×
=
Eq: 7-4
LIM
BAT
ADP
DIS
I
V
V
P
×
−
=
)
(
Eq: 7-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com