Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 7Page - STMicroelectronics L6924D Datasheet HTML 8Page - STMicroelectronics L6924D Datasheet HTML 9Page - STMicroelectronics L6924D Datasheet HTML 10Page - STMicroelectronics L6924D Datasheet HTML 11Page - STMicroelectronics L6924D Datasheet HTML 12Page - STMicroelectronics L6924D Datasheet HTML 13Page - STMicroelectronics L6924D Datasheet HTML 14Page - STMicroelectronics L6924D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
L6924D
Operation description
11/38
6
Operation description
The L6924D is a fully integrated battery charger that allows a very compact battery
management system for space limited applications. It integrates in a small package, all the
power elements: power MOSFET, reverse blocking diode and the sense resistor.
It normally works as a linear charger when powered from an external voltage regulated adapter.
However, thanks to its very low minimum input voltage (down to 2.5V) the L6924D can also
work as a Quasi-Pulse charger when powered from a current limited adapter. To work in this
condition, is enough to set the device’s charging current higher than the adapter one
(Chapter 7.4 on page 19). The advantage of the linear charging approach is that the device has
a direct control of the charging current and so the designer needn’t to rely on the upstream
adapter. However, the advantage of the Quasi-Pulse approach is that the power dissipated
inside the portable equipment is dramatically reduced.
Regards the charging approach, the L6924D charges the battery in three phases:
●
Pre-Charge constant current: in this phase (active when the battery is deeply
discharged) the battery is charged with a low current.
●
Fast-Charge constant current: in this phase the device charges the battery with the
maximum current.
●
Constant Voltage: when the battery voltage is closed to the selected output voltage, the
device starts to reduce the current, until the charge termination is done.
The full flexibility is provided by:
●
Programmable pre-charging current and voltage thresholds (IPRETH and VPRETH)
(Chapter 7.2 on page 18, Chapter 7.3 on page 19).
●
Programmable fast-charging current (ICHG) (Chapter 7.4 on page 19).
●
Programmable end of charge current threshold (IENDTH) (Chapter 7.5 on page 20).
●
Programmable end of charge timer (TMAXCH) (Chapter 7.8 on page 22).
If the full flexibility is not required and a smaller number of external components is preferred,
default values of IPRETH and VPRETH are available leaving the respective pins floating.
●
If a PTC or NTC resistor is used, the device can monitor the battery temperature in order
to protect the battery from operating in unsafe thermal conditions.
●
Beside the good thermal behavior guaranteed by low thermal resistance of the package,
additional safety is provided by the built-in temperature control loop. The IC monitors
continuously its junction temperature. When the temperature reaches approximately
120°C, the thermal control loop starts working, and reduces the charging current, in order
to keep the IC junction temperature at 120°C.
●
Two open collector outputs are available for diagnostic purpose (status pins ST1 and ST2).
They can be also used to drive external LEDs or to interface with a microcontroller.
●
The voltage across the resistor connected between IEND and GND gives information about
the actual charging current (working as a Gas Gauge), and it can be easily fed into a µC
ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com