Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 20Page - STMicroelectronics L6924D Datasheet HTML 21Page - STMicroelectronics L6924D Datasheet HTML 22Page - STMicroelectronics L6924D Datasheet HTML 23Page - STMicroelectronics L6924D Datasheet HTML 24Page - STMicroelectronics L6924D Datasheet HTML 25Page - STMicroelectronics L6924D Datasheet HTML 26Page - STMicroelectronics L6924D Datasheet HTML 27Page - STMicroelectronics L6924D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Application information: monitoring and protection
L6924D
24/38
8
Application information: monitoring and protection
The L6924D uses a VFQFPN 3mm x 3mm 16-pin package with an exposed pad that allows the
user to have a compact application and good thermal behavior at the same time. The L6924D
has a low thermal resistance because of the exposed pad (approximately 75°C/W, depending
on the board characteristics). Moreover, a built-in thermal protection feature prevents the
L6924D from having thermal issues typically present in a linear charger.
Thermal Control is implemented with a thermal loop that reduces the charge current
automatically when the junction temperature reaches approximately 120°C. This avoids further
temperature rise and keeps the junction temperature constant. This simplifies the thermal
design of the application as well as protects the device against over-temperature damage.
The figure above shows how the thermal loop acts (with the dotted lines), when the junction
temperature reaches 120°C..
Figure 18. Power dissipation both linear and quasi pulse mode with thermal loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com