Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 16Page - STMicroelectronics L6924D Datasheet HTML 17Page - STMicroelectronics L6924D Datasheet HTML 18Page - STMicroelectronics L6924D Datasheet HTML 19Page - STMicroelectronics L6924D Datasheet HTML 20Page - STMicroelectronics L6924D Datasheet HTML 21Page - STMicroelectronics L6924D Datasheet HTML 22Page - STMicroelectronics L6924D Datasheet HTML 23Page - STMicroelectronics L6924D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Applications information: charging process
L6924D
20/38
7.5
End-of-charge current
When the charge voltage approaches the selected value (4.1V or 4.2V), the Voltage Regulation
phase takes place. The charge current starts to decrease until it goes lower than a
programmable end value, IENDTH, depending on an external resistor connected between the
IEND pin and GND Figure 14. The formula that describes this relation as follows:
Figure 14. IEND pin connection
Where KEND is 1050; and VMIN is 50mV.
Typically, this current level is used to terminate the charge process. However, it is also possible
to disable the charge termination process based on this current level (Chapter 7.9 on page 23).
This pin is also used to monitor the charge current, because the current injected in REND is
proportional to ICHG. The voltage across REND can be used by a microcontroller to check the
charge status like a gas gauge.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
ENDTH
END
MIN
END
I
K
V
R
Eq: 8-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com