Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 30Page - STMicroelectronics L6924D Datasheet HTML 31Page - STMicroelectronics L6924D Datasheet HTML 32Page - STMicroelectronics L6924D Datasheet HTML 33Page - STMicroelectronics L6924D Datasheet HTML 34Page - STMicroelectronics L6924D Datasheet HTML 35Page - STMicroelectronics L6924D Datasheet HTML 36Page - STMicroelectronics L6924D Datasheet HTML 37Page - STMicroelectronics L6924D Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Application ideas
L6924D
34/38
10
Application ideas
10.1
USB battery charger
With a voltage range between 4.75V and 5.25V, and a maximum current up to 500mA, the USB
power bus is an ideal source for charging a single-cell Li-Ion battery. Since it is not possible to
rely on the USB current limit to charge the battery, a linear approach must be adopted.
Therefore, it is only necessary to set the ICHG with a maximum value lower than 500mA, and
the device will charge the battery in Linear mode.
Figure 28 shows an example of USB charger application schematic.
Figure 28. USB charger application
L6924D
V
IN
V
INSNS
T
PRG
ST1
ST2 SD GND
TH
V
OPRG
I
PRE
V
PRE
I
PRG
V
OSNS
V
OUT
I
END
V
REF
R1
R2
R3
R4
R5
C1
C2
C3
C4
BATTERY
PACK
V
BUS
GND
D- D+
SYSTEM
AND
USB
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com