Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 15Page - STMicroelectronics L6924D Datasheet HTML 16Page - STMicroelectronics L6924D Datasheet HTML 17Page - STMicroelectronics L6924D Datasheet HTML 18Page - STMicroelectronics L6924D Datasheet HTML 19Page - STMicroelectronics L6924D Datasheet HTML 20Page - STMicroelectronics L6924D Datasheet HTML 21Page - STMicroelectronics L6924D Datasheet HTML 22Page - STMicroelectronics L6924D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
L6924D
Applications information: charging process
19/38
7.3
Pre-charge voltage
If the VPRE pin is floating, a default value of VPRETH is set, equal to 2.8V (VPRETHDefault).
Otherwise, the device offers the possibility to program this value, with a resistor connected
between the VPRE pin and GND Figure 12. In this case, the RVPRE is given by the equation 8.3:
Figure 12. VPRE pin connection
Where RVPRE is the resistor between VPRE and GND, and RPRG is the resistor used to set the
charge current (see Section 7.4: Fast charge current), and VPRETH is the selected threshold.
A safety timer is also present. If the battery voltage doesn't rise over VPRETH, before this time is
expired, a fault is given (see Section 7.8: Maximum charging time). If at the beginning of the
charge process, the battery voltage is higher than the VPRETH, the Pre-Charge phase is
skipped.
7.4
Fast charge current
When the battery voltage reaches the Pre-charge voltage threshold (VPRETH), the L6924D
starts the Fast-charge Phase. In this phase, the device charges the battery with a constant
current, ICHG, programmable by an external resistor that sets the charge current with an
accuracy of 7% Figure 13. The formula used to select the RPRG as follows:
Figure 13. IPRG pin connection
Where KPRG is a constant, equal to 9500.
During this phase, the battery voltage increases until it reaches the programmed output
voltage. A safety timer is also present. If this time expires, a fault is given (Section 7.8:
Maximum charging time).
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
lt
PRETHDefau
PRETH
PRG
VPRE
V
V
R
R
Eq: 8-3
VPRE
L6924D
R
PRE
VPRE
L6924D
R
PRE
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
CHG
PRG
BG
PRG
I
K
V
R
Eq: 8-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com