Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 10Page - STMicroelectronics L6924D Datasheet HTML 11Page - STMicroelectronics L6924D Datasheet HTML 12Page - STMicroelectronics L6924D Datasheet HTML 13Page - STMicroelectronics L6924D Datasheet HTML 14Page - STMicroelectronics L6924D Datasheet HTML 15Page - STMicroelectronics L6924D Datasheet HTML 16Page - STMicroelectronics L6924D Datasheet HTML 17Page - STMicroelectronics L6924D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Operation description
L6924D
14/38
The worst case in power dissipation occurs when the device starts the Fast-Charge Phase. In
fact, the battery voltage is at its minimum value. In this case, this is the maximum difference
between the adapter voltage and battery voltage, and the charge current is at its maximum
value.
The power dissipated is given by the following formula:
The higher the adapter voltage is, the higher the power dissipated. The maximum power
dissipated depends on the thermal impedance of the device mounted on board.
6.2
Quasi-pulse mode
The Quasi-Pulse Mode can be used when the system can rely on the current limit of the
upstream adapter to charge the battery. In this case, ICHG must be set higher than the current
limit of the adapter. In this mode, the L6924D charges the battery with the same three phases
as in Linear Mode, but the power dissipation is greatly reduced as shown in Figure 7.
Figure 7.
Typical charge curves in quasi pulse mode
CHG
BAT
ADP
DIS
I
V
V
P
×
−
=
)
(
Eq. 7-1
Adapter Voltage
Charge Current
Power dissipation
Battery Voltage
End
Charge
Voltage Regulation
Phase
Pre-Charge
Phase
Fast-Charge
Phase
I
LIM
Ilim x Rdson
I
PRETH
I
CHG
V
PRETH
V
OPRGTH
V
ADP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com