Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  LEG Datasheet HTML 1Page - Sensata Technologies, Inc. LEG Datasheet HTML 2Page - Sensata Technologies, Inc. LEG Datasheet HTML 3Page - Sensata Technologies, Inc. LEG Datasheet HTML 4Page - Sensata Technologies, Inc. LEG Datasheet HTML 5Page - Sensata Technologies, Inc. LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.sensata.com
Page 4
Copyright © 2020 Sensata Technologies, Inc.
ROCKER CIRCUIT PROTECTORS (IAGZX/IUGZX/IEGZX/CEGX/CEGZX/LEGZX)
The IAGZX/IUGZX/IEGZX/CEGZX/LEGZX styles offer an attractive rocker actuator version of our popular IAG/IUG/IEG/CEG/LEG family. Designed with
the operator in mind, each features handles with a concave surface and aesthetic appearance for front panel applications.
The IAGZX/IUGZX/IEGZX/CEGZX/LEGZX is available in a choice of five single colors: black, red, grey, orange or white.
The IAGZX/IUGZX/IEGZX/CEGZX/LEGZX style adds our “EZ” options of contrasting dual color rocker actuators, affording a clear visual indication of the
handle position and integrated handle guards, to help prevent accidental turn-on and turn-off of the unit. Available with a black rocker and white, red
or green indicator color for either ON or OFF indication.
Panel Mounting Detail:
Tolerance for Mtg. ±.005 [.13] unless noted.
Note: Tolerance ± .015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
* LEG type units are only available in one or two poles.
Detail “A”
IAGZX/IUGZX/IEGZX/CEGZX/LEGZX
Single, Two & Three Pole
1.687
[42.85]
2.000
[50.80]
2.470 MAX.
[62.74]
1.220
[30.99]
.430
[10.92]
.125
[3.18]
1.530
[38.86]
.420 REF.
[10.67]
1.239
[31.47]
OPTIONAL
HANDLE GUARDS
(SEE DETAIL “A”)
ON
OFF
2.165
[54.98]
1.660
[42.16]
.750
[19.05]
6 – 32 THD. (TYP.)
M3 ISO THD.
OPTIONAL
ON
OF
ON
OFF
1.515
[38.48]
ON
OFF
2.265 Max.
[57.53]
1.260
[32.00]
2X .156
[3.96]
1.660
[42.16]
.750
[19.05]
.200
[5.08]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com