Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 22 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 22 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. LEG Datasheet HTML 23Page - Sensata Technologies, Inc. LEG Datasheet HTML 24Page - Sensata Technologies, Inc. LEG Datasheet HTML 25Page - Sensata Technologies, Inc. LEG Datasheet HTML 26Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
www.sensata.com
Page 22
Copyright © 2020 Sensata Technologies, Inc.
LEG ORDERING OPTIONS
The ordering code for LEG circuit breakers may be determined by following the decision steps in the tables shown here.
The coding given permits a self-assigning part number but with certain limitations. Special applications may require a factory-assigned part number.
Typical examples are units with mixed ratings, combinations of styles, or constructions not listed in the third decision table. With these, it is
suggested that order entry be by description and/or drawings and a part number will be established. Additionally, it is standard policy to establish a
factory-assigned part number whenever a descriptive drawing exists to provide cross reference, traceability and manufacturing control.
When specifying a circuit breaker for AC motor start or high inrush applications, the peak amplitude and surge duration should be specified for
factory assistance in rating selection.
For example, the following is the code for a single pole, LEG screw type terminal, series unit with auxiliary switch, designed for operation in a
50/60Hz circuit. It has a short time delay, a rating of 20 amperes, a black marked handle and is TUV approved.
To determine the ordering number for your particular LEG unit, simply follow the steps shown. You may use this number to place an order or as a
reference for further questions you may have.
A.
When “A” (metric thread mounting) is specified in the sixth decision in combination with screw terminal option in the second decision,
metric screw terminals are supplied.
B.
LEG, LEGH, LEGS, LEGHS, LEGZX and LEGBX circuit breakers are designed to meet 8mm creepage and clearance requirements for
installation Category III, Pollution Degree 3, Case A as measured in IEC 664. Intended for use in equipment designed to comply with IEC
601 and 950 and IEC 60947-2.
Notes
1. Type & Terminal
2. Poles & Terminals
Options 3-8
LEG
One toggle handle
per unit
Standard toggle/
mounting,
no designation
required
Push-on
Terminals
Screw Terminals
See next page
LMG
One toggle handle
per unit mid-trip
indication
S
Toggle w/ snap-in
mounting
1
6
Single pole
LEGH
One toggle handle
per pole
ZX
ZX Rocker w/
integral mounting*
11
66
Two pole
LMGH
One toggle handle
per pole
mid-trip indication
BX
BX Rocker w/
integral mounting
*Not available in toggle seal handle type.
Note: All types are UL489 listed, CUL
certified
Note: Add “F” for flat screw
terminals
* Not available on mid-trip units
LEG
6
1REC4
61
20.0
01
V
Example : LEG6-1REC4-61-20.0-01-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com