Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  LEG Datasheet HTML 1Page - Sensata Technologies, Inc. LEG Datasheet HTML 2Page - Sensata Technologies, Inc. LEG Datasheet HTML 3Page - Sensata Technologies, Inc. LEG Datasheet HTML 4Page - Sensata Technologies, Inc. LEG Datasheet HTML 5Page - Sensata Technologies, Inc. LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.sensata.com
Page 2
Copyright © 2020 Sensata Technologies, Inc.
MULTI-POLE CIRCUIT PROTECTORS (IAG/IUG/IEG/CEG/LEG)
Two Pole Protectors
Three Pole and Four Pole Protectors
An assembly consisting of two single pole units, having their trip mechanisms internally coupled and with a single toggle handle, forms the IEG11 with
quick-connect D.I.N.-style terminals. Individual poles may differ in ratings, delays and internal connections. An auxiliary switch may be included in
either or both poles, allowing you to mix SELV and hazardous voltages. Rugged screw-type terminals can be provided, in which case the designation
would be IEG66. The IEGH offers a toggle handle for each pole. LEG type units are avavailable only in one or two pole configurations.
The three pole construction consists of three single pole units assembled with an internal mechanical interlock which actuates all units simultaneously.
A single toggle handle operates all three poles for quick and convenient control, or if preferred, a handle per pole is available. The four pole
construction consists of four single pole units assembled with an internal mechanical interlock which actuates all units simultaneously. A double
toggle handle operates all four poles. The individual poles need not have identical characteristics and any series trip pole may have an auxiliary
switch. If screw-type terminals are required, the breaker designation will be IEG666 for a three pole version and IEG6666 for a four pole version.
Protector poles are numbered consecutively when viewed from the terminal side, with the ON position up, starting with Pole #1 on the left side and
proceeding to the right.
O
N
O
F
F
1.515
[38.48]
MAX.
O
N
O
F
F
2.265
[57.53]
MAX.
O
N
O
F
F
O
N
O
F
F
3.015
[76.58]
MAX.
1.660
[42.17] 1.050
[26.68]
4X
.156
[3.96]
+.25
-.00
+.010
-.000
2X
.625
15.88
[
[
.750
[19.05]
.750
[19.05]
.750
[19.05]
.750
[19.05]
.750
[19.05]
.750
[19.05]
O
N
O
F
F
1.515
[38.48]
MAX.
O
N
O
F
F
2.265
[57.53]
MAX.
O
N
O
F
F
O
N
O
F
F
3.015
[76.58]
MAX.
1.660
[42.17] 1.050
[26.68]
4X
.156
[3.96]
+.25
-.00
+.010
-.000
2X
.625
15.88
[
[
.750
[19.05]
.750
[19.05]
.750
[19.05]
.750
[19.05]
.750
[19.05]
.750
[19.05]
IAG/IUG/IEG/CEG/LEG Multi-Pole Circuit Breakers
IAG/IUG/IEG/CEG/LEG
LEG Type Units Require
Screw Terminals
Two Pole*
Two Pole*
Three Pole*
Three Pole*
Four Pole*
Four Pole*
(Optional: Handle may be located in Pole 1 instead of Pole 2)
Note: Tolerance ± .015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
*See Single Pole Mounting Detail for hole sizes and locations. LEG type units are only available in one or two poles.
Panel Mounting Detail:
Tolerance for Mtg. ±.005 [.13] unless noted.
32º
32º
OFF
ON
2.075
[52.71]
MAX.
.690
[17.53]
.240
[6.10]
1.687
[42.85]
1.530
[38.86]
.230
[5.84]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com