Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. LEG Datasheet HTML 10Page - Sensata Technologies, Inc. LEG Datasheet HTML 11Page - Sensata Technologies, Inc. LEG Datasheet HTML 12Page - Sensata Technologies, Inc. LEG Datasheet HTML 13Page - Sensata Technologies, Inc. LEG Datasheet HTML 14Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.sensata.com
Page 10
Copyright © 2020 Sensata Technologies, Inc.
Relay Trip
Dual Coil
Voltage Trip
Optional Barriers (IEG Only)
This permits the overload sensing coil to be placed in a circuit which is electrically isolated from the trip contacts. The coil may be actuated by sensors
monitoring pressure, flow, temperature, speed, etc. Other typical applications include crowbar, interlock and emergency /rapid shutdown circuitry. Trip
may be accomplished by voltage or current, which must be removed after trip.
By combining two electrically independent coils on a common magnetic circuit, it is possible to provide contact opening when either an over-current or
trip voltage is applied to the respective coils. One coil will be a current trip coil with standard specifications. The second, or dual coil, can be used to
provide a control function permitting contact opening from a remote interlock or other transducer functions. Standard coils are 6, 12, 24, 48, 120 and
240 volts. Tripping is instantaneous and must be removed (usually self-interrupting) after trip.
Sometimes called “dump circuits” or “panic trip circuits,” these units make it possible to open main power contacts with lower power inputs from
one or more sources. This configuration is becoming increasingly more important for sensitive circuitry and denser packaging in automation systems.
Available in series, shunt or relay configurations.
Note: Tolerance ± .015 [.38] unless noted.
Dimensions in brackets [ ] are millimeters.
Relay
Dual Coil
Dual Coil
1.530
[38.86]
1.380
[35.05]
.230
[5.84]
2.52 MAX.
[64.00]
(See Note A)
.620
[15.75]
1.530
[38.86]
1.380
[35.05]
.230
[5.84]
2.52 MAX.
[64.00]
(See Note A)
1.530
[38.86]
.620
[15.75]
1.380
[35.05]
.230
[5.84]
2.52 MAX.
[64.00]
(See Note A)
2.000
[50.80]
.571
[14.50]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com