Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 3Page - Sensata Technologies, Inc. LEG Datasheet HTML 4Page - Sensata Technologies, Inc. LEG Datasheet HTML 5Page - Sensata Technologies, Inc. LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. LEG Datasheet HTML 10Page - Sensata Technologies, Inc. LEG Datasheet HTML 11Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.sensata.com
Page 7
Copyright © 2020 Sensata Technologies, Inc.
SNAP-IN CIRCUIT PROTECTORS (IEGS/IEGHS/CEGS/CEGHS/LEGS/LEGHS)
The Snap-In version of the IEG brings mounting simplification and international spacing together in a package that is aesthetically enhanced. The IEGS
securely snaps into a rectangular cut-out, eliminating the need for panel mounting hardware and the associated costs. The face plate of the IEGS is a
clean, black matte and it satisfies the increasing demand for front panel components that are designed with ergonomic considerations.
The IEGS is offered in either flush or beveled versions, in 1, 2, 3 or 4 pole packages, and with a handle per pole or per unit.
The IEGS is UL Recognized, CSA Certified and TUV approved.
Panel Cutout Detail
Panel Thickness: (See Table)
Note:
A: Flush face plate is optional. See decision tables, sixth decision.
B: Tolerance ± .031 [.79] Angles: ±5° unless noted. Dimensions in
brackets [ ] are millimeters.
IEGHS/CEGHS/LEGHS Circuit Protectors (Note B)
(Multi-Pole-IEGH Handles Per Pole)
(Omit H for Single Pole)
2.598
[65.99]
OFF
ON
OFF
ON
1.488
[37.80]
2.232
[56.69]
2.976
[75.59]
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
.744
[18.90]
MAX.
ON
OFF
[52.70]
2.075
[42.85]
1.687
[6.09]
.240
[17.53]
.690
[30.99]
1.220
[50.80]
2.000
32º
32º
.127
[3.23]
DIM. “A”
(SEE TABLE)
DIM. “B”
(SEE TABLE)
DIM. “C”
(SEE TABLE)
Dimensions “A”, “B”, “C”
Number of Poles
Dimension “A”, inches [ mm ]
Dimension “B”, inches [ mm ]
Dimension “C”, inches [ mm ]
1 pole
.750 [19.05] max
.755 [19.18] min
2.180 ± .005
[55.37 ± .13]
2.186 ± .011
[55.52 ± .28]
2 pole
1.515 [38.48] max
1.520 [38.61] min
3 pole
2.265 [57.53] max
2.270 [57.66] min
4 pole
3.015 [76.58] max
3.020 [76.71] min
Panel Thickness
.040 to .059
[1.02 to 1.50]
.060 to .100
[1.52 to 2.54]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com