Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  LEG Datasheet HTML 1Page - Sensata Technologies, Inc. LEG Datasheet HTML 2Page - Sensata Technologies, Inc. LEG Datasheet HTML 3Page - Sensata Technologies, Inc. LEG Datasheet HTML 4Page - Sensata Technologies, Inc. LEG Datasheet HTML 5Page - Sensata Technologies, Inc. LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Page 1
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
| IAG/IUG/IEG/CEG/LEG SERIES
Hydraulic Magnetic Circuit Protectors
Introduction
The Airpax™ IAG/IUG/IEG/CEG/LEG magnetic circuit protectors provide low-cost power switching, reliable circuit protection and accurate circuit
control for equipment in the international marketplace.
IEG models meet IEC spacing requirements which is mandatory for
equipment that must comply with IEC specifications 601 and 950. In
addition, they are UL Recognized as supplementary protectors per UL
STD. 1077, CSA Certified as supplementary protectors per CSA C22.2–
No. 235, TUV Approved to IEC60947-2, CCC Approved and CE Compliant.
IAG models are for those applications where the unit’s inherent attributes
are desired, but compliance with the various standards is not required.
Designed using the latest in sensitive hydraulic magnetic technology,
the IAG/IUG/IEG/CEG/LEG line adapts itself to many applications and
environments. They’re ideal for data processing and business machines,
medical instrumentation, broadcast equipment, vending and amusement
machines, military applications and wherever precision operation is
required. Temperature differences which affect fuses and other thermal
devices are not a concern.
One important feature of this protector line is a “trip free” action, which
means the circuit will trip in the presence of an overload even though
the handle is held in the ON position. The delay mechanism senses the
fault and the contacts open.
The IAG/IUG/IEG/CEG/LEG is available in a wide variety of configurations
including series, series with auxiliary switch, shunt and relay with a
choice of delays and ratings in either DC, 50/60Hz or 400Hz versions.
Handles come in seven different colors and international markings are
standard. Single or multi-pole versions are available, with a variety of
pole arrangements to meet your specifications. Four pole models require
a double toggle handle. Units with a handle per pole come in one through
six pole assemblies.
SINGLE POLE CIRCUIT PROTECTORS
32º
32º
OFF
ON
2.075
[52.71]
MAX.
.690
[17.53]
.240
[6.10]
1.687
[42.85]
O
N
O
F
F
1.220
[31.00]
2.000
[50.80]
.590
[15.00]
MAX.
2X 6 – 32 THREAD
.140 [3.56] DEEP
M3 ISO THD. OPTIONAL
.1.660
[42.16]
.750
[19.05]
.168
[4.27]
1.530
[38.86]
.230
[5.84]
Single Pole
Mounting Detail
1.660
[42.16] 1.050
[26.67]
2X 0.156
[3.96]
+.25
-.00
15.88
+.010
-.000
.625
Note: Tolerance ±.015 [.38] unless noted. Dimensions in brackets [ ] are millimeters.
LEG Type Units Require Screw Terminals


Similar Part No. - LEG

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
LEG RAYEX-LEG Datasheet
578Kb / 2P
LEG SERIES
logo
Sensata Technologies, I...
LEG SENSATA-LEG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
logo
List of Unclassifed Man...
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
logo
RAYEX ELECTRONICS CO., ...
LEG-12 RAYEX-LEG-12 Datasheet
578Kb / 2P
LEG SERIES
LEG-12F RAYEX-LEG-12F Datasheet
500Kb / 2P
LEG-F SERIES
More results

Similar Description - LEG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
Hydraulic Magnetic Circuit Protectors
IEG6-36902-2-V ETC2-IEG6-36902-2-V Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
IAG4-39221-1 ETC2-IAG4-39221-1 Datasheet
2Mb / 24P
Magnetic Circuit Protectors
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
Hydraulic-Magnetic Circuit Breaker
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com