Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 25 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 25 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. LEG Datasheet HTML 23Page - Sensata Technologies, Inc. LEG Datasheet HTML 24Page - Sensata Technologies, Inc. LEG Datasheet HTML 25Page - Sensata Technologies, Inc. LEG Datasheet HTML 26Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
www.sensata.com
Page 25
Copyright © 2020 Sensata Technologies, Inc.
IAG/IUG/IEG Supplementary Protectors
Rated Current (Amps)
Short Circuit Rating (SC), Amps
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL1077 & CSA
TÜV
80
DC
—
1
.02 to 50
.10 to 30
U2, 7500
5000
125
50/60
1
1
.02 to 50
—
U2, 3000
—
125
50/60
1
1
.02 to 30
—
C1, 5000(3)
—
125
50/60
1
1
.02 to 50
—
U3, 1000
—
125 / 250
50/60
1
2
.02 to 50
—
U1, 3000
—
125 / 250
50/60
1
1
2/1 - 30/15
—
C2, 5000(1)
—
240
50/60
1 & 3
1
.02 to 50
—
U1, 2000
—
240
50/60
1 & 3
1
.02 to 50
—
C2, 5000(1)
—
250
50/60
1
1
.02 to 2
—
U2, 5000
—
250
50/60
1 & 3
1
.02 to 30
.10 to 50
U1, 2000
2000
250
50/60
1 & 3
1
.02 to 30
—
C2, 3500(2)
—
250 (4)
50/60
1 & 3
1
.02 to 30
—
C1, 3500(2)
—
250 (4)
50/60
1 & 3
1
.02 to 30
—
U1, 1000
—
250 (5)
50/60
1
2
.02 to 50
—
U3, 1000
—
250 (5)
50/60
3
3
.02 to 50
—
U3, 1000
—
277
50/60
1
1
.02 to 30
—
U2, 2000
—
277
50/60
1
1
.02 to 30
—
C2, 5000(2)
—v
250
400
1 & 3
1
.02 to 30
—
U2, 1500
—
250
400
3
—
.02 to 30
—
U3, 200
—
IDG Supplementary Protectors
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL1077 & CSA
TÜV
48
DC
—
1
.02-50
—
U2, 5000
—
65
DC
—
1
.02-50
—
U2, 3000
—
125
50/60
1
1
.02-50
—
U2, 2000
—
125/250
50/60
1
2
.02-50
—
U2, 1500
—
250
50/60
1 & 3
1
.02-30
—
U1, 1000
—
CEG Communications Equipment Circuit Breakers
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL489A
TÜV
80
DC
—
1
.05-15
1-50
5000
5000
LEG Circuit Breakers
Max Voltage
Frequency (Hz)
Phase
Minimum Poles
UL/CSA
TÜV
UL489
TÜV
125
50/60
1
1
.05-30
1-30
5000
5000
120/240
50/60
1
2
1-30
1-30
5000
5000
Notes:
(1) With 125 A max. series fuse; (2) With 80 A max. series fuse; (3) With 50 A max. circuit breaker; (4) With blocked vent construction;
(5) Non-standard construction. “Fit for further use” approval
AGENCY APPROVALS & CERTIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com