Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 9 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 9 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 5Page - Sensata Technologies, Inc. LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. LEG Datasheet HTML 10Page - Sensata Technologies, Inc. LEG Datasheet HTML 11Page - Sensata Technologies, Inc. LEG Datasheet HTML 12Page - Sensata Technologies, Inc. LEG Datasheet HTML 13Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.sensata.com
Page 9
Copyright © 2020 Sensata Technologies, Inc.
CONFIGURATIONS
Series Trip
Shunt Trip
Auxiliary Switch (Applies to Series Trip Only)
The most popular configuration for magnetic protectors is the series trip where the sensing coil and contacts are in series with the load being protected.
The handle position conveniently indicates circuit status. In addition to providing conventional overcurrent protection, it’s simultaneously used as an
on-off switch.
The shunt trip is designed for controlling two separate loads with one assembly. The control is established by providing overload protection for the
critical load. When the current through this load becomes excessive and reaches the trip point, the protector will open and remove power from both
loads simultaneously. The total current rating of both loads must not exceed the maximum contact rating.
This is furnished as an integral part of a series pole in single or multi-pole assemblies. Isolated electrically from the protector’s circuit, the switch works
in unison with the power contacts and provides indication at a remote location of the protector’s on-off status.
Auxiliary switch contacts actuate simultaneously with the main protector contacts, and will open regardless of whether the protector contacts are
opened manually or electrically. For auxiliary switch ratings below 6Vac or 5Vdc, an auxiliary switch with gold contacts designated as REG is available.
Gold contacts are not recommended for load current above 100 milliamps.
Note:
A: Terminal protrusion dimensions are referenced from back mounting panel.
B: Main terminals are male push-on type .250 [6.35] wide x 0.31 [.79] thick x .375 [9.53] long or 8-32
x .187 [4.75] screw type. Metric screw terminals are M4 x 5mm (<=30A): M5 x 5mm screw type
(>30A). On TUV approved builds with screw terminals, external tooth lockwashers are supplied.
On TUV approved builds with push-on terminals a soldered connection is required above 25
amperes.
Main Terminal Types
Amp
Rating
Push-
On
8-32
Screw
M4
Screw
10-32
Screw
M5
Screw
.05 to
30
X
X
X
30.1 to
50
X
X
1.530
[38.86]
.230
[5.84]
1.530
[38.86]
.230
[5.84]
1.530
[38.86]
1.380
[35.05]
.230
[5.84]
2.52 MAX.
[64.00]
(See Note A)
Standard Auxiliary Switch
Series with Auxiliary Switch
.441
[11.20]
.848
[21.53]
1.083
[27.51]
.469
[11.91]
.764
[19.04]
1.059
[26.90]
2.438 MAX.
[61.93]
(See Note A)
.260
[6.60]
.110
[2.79]
–IREC4
–IREG4
2.454 MAX.
[62.33]
(See Note A)
.250
[6.35]
.187
[4.75]
–IREC5
C
NO
NC
BREAKER IN
OFF POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com