Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 20 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 20 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 16Page - Sensata Technologies, Inc. LEG Datasheet HTML 17Page - Sensata Technologies, Inc. LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. LEG Datasheet HTML 23Page - Sensata Technologies, Inc. LEG Datasheet HTML 24Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.sensata.com
Page 20
Copyright © 2020 Sensata Technologies, Inc.
3. Internal
Configuration
4. Frequency & Delay
5. Rated
Current
6. Optional
7. Handle
Color &
Marking
Selection
TUV / CCC
-0
Switch Only
SW Switch only
Standard
ratings listed.
For other
ratings, please
contact the
factory.
Standard
hardware. No
designation
required.
See next page
V,T
TUV and CCC Approved
The shaded areas
denote TUV and CCC
(if applicable) approval
options. This approval
requires the addition of
a V or T at the end of the
part number. The Suffix
will be added to any part
number formed entirely
from shaded decisions.
If non-shaded areas are
selected, the unit will not
be TUV or CCC Approved,
but other approvals still
apply.
-1
Series
-41
400Hz short delay
-A
Metric thread
mounting inserts
and terminals
-42
400Hz long delay
-1REC4
Series w/ auxiliary
switch *
.110 quick connect
-43
400Hz motor start
.100
10.0
-B
Barriers*
-49
400Hz 150% instant
trip
-C
277V (50/60Hz
only) (See note 3)
-51
DC short delay*
.250
15.0
-1REC5
Series w/ auxiliary
switch *
.187 quick connect
-52
DC long delay*
-53
DC motor start*
.500
20.0
-G
Handle guard,
(available in ZX,
BX and snap-in
versions only)
-59
DC 125% instant trip*
-1REG4
Series w/ auxiliary
switch
(gold contacts)*
.110 quick connect
-61
50/60Hz short delay
.750
30.0
-L
Handle lock
-62
50/60Hz long delay
-M
Handle in opposite
pole (2 pole only)
-63
50/60Hz motor start
1.00
35.0*
-1RS4
Series w/ alarm
switch,
electrical trip,
.110 Q.C. terminals
-64
50/60Hz short delay
2.50
40.0*
-Q
APG style “FAT”
handle
-65
50/60Hz long delay
-66
50/60Hz motor start
5.00
50.0*
-S
Face plate
sides flush with
protector (see
note 4)
-69
50/60Hz 125% instant
trip
-1RLS4
Series w/ alarm
switch,
electrical trip,
.110 Q.C. terminals
(mid-trip only)
-71
DC/60Hz short delay
7.50
-72
DC/60Hz long delay
C
CCC Approved
This approval requires the
addition of a C at the end
of the part number. The
unit will not be TUV
Approved.
-73
DC/60Hz motor start
-X
Handle guard
with no actuation
feature (BX
rocker only) (Not
available with mid-
trip indication)
-3
Shunt
-79
DC/60 Hz 135% instant
trip
-4
Relay
For addition of inertial delay,
add an ìFî to any delay numeral.
* CEG types are only available
with DC ratings
* Only one auxiliary switch is
normally supplied on two or
three pole units. Switch is located
in the right-hand pole
(viewed from terminal end) unless
otherwise specified.
* IDG/IDGH
is rated for 30
amps max.
Notes:
1. One or more descriptions
may be used as required.
2. When this is not
used, table one may be
substituted and U.S. thread
will be supplied. Unit will
be rated at 250V (50/60Hz
only.)
3. TUV approved at 250VAC
4. IEGS standard face plate
has beveled sides(see
pg.90)
* Not available on snap-in
units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com