Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 11 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 11 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. LEG Datasheet HTML 10Page - Sensata Technologies, Inc. LEG Datasheet HTML 11Page - Sensata Technologies, Inc. LEG Datasheet HTML 12Page - Sensata Technologies, Inc. LEG Datasheet HTML 13Page - Sensata Technologies, Inc. LEG Datasheet HTML 14Page - Sensata Technologies, Inc. LEG Datasheet HTML 15Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.sensata.com
Page 11
Copyright © 2020 Sensata Technologies, Inc.
OPERATING CHARACTERISTICS
Inrush Pulse Tolerance
The following table provides a comparison of inrush pulse tolerance with
and without the inertial delay feature for each of the 50/60Hz delays.
Pulse tolerance is defined as a single pulse of half sine wave peak current
amplitude of 8 milliseconds duration that will not trip the circuit breaker.
The table at left provides a guide to determine if the inertia delay feature
is required. Consult factory for further assistance.
Typical Resistance / Impedance
Current Ratings
(Amps)
Impedance
DC (ohms)
AC, 50/60Hz (ohms)
AC, 400Hz (ohms)
51, 52, 53, 59
61, 62, 63, 69
41, 42, 43, 49
0.200
45.8
28.5
71.94
1.00
1.38
1.10
2.85
2.00
0.371
0.29
0.76
5.00
0.055
0.051
0.12
10.0
0.017
0.016
0.032
20.0
0.006
0.006
0.010
30.0
0.003
0.004
0.006
50.0
0.0019
0.0018
—
DCR and Impedance based on 100% rated current applied and stabilized for a minimum of one hour. Tolerance .05-2.5 amperes ± 20%: 2.6 -20 amperes ± 25%,
21-50 amperes ± 50%. Consult factory for special values and for coil impedance of delays not shown.
Inrush Pulse Tolerance
Delay
Pulse Tolerance
61, 62, 63, 71, 72, 73
10 times rated current (approx)
61F, 62F, 63F, 71F, 72F, 73F
12 times rated current (approx)
64, 65, 66
25 times rated current (approx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com