Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  LEG Datasheet HTML 1Page - Sensata Technologies, Inc. LEG Datasheet HTML 2Page - Sensata Technologies, Inc. LEG Datasheet HTML 3Page - Sensata Technologies, Inc. LEG Datasheet HTML 4Page - Sensata Technologies, Inc. LEG Datasheet HTML 5Page - Sensata Technologies, Inc. LEG Datasheet HTML 6Page - Sensata Technologies, Inc. LEG Datasheet HTML 7Page - Sensata Technologies, Inc. LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.sensata.com
Page 5
Copyright © 2020 Sensata Technologies, Inc.
ROCKER CIRCUIT PROTECTORS (IAGBX/IUGBX/IEGBX/CEGBX/LEGBX)
The innovative new design of our IEG BX style circuit breaker features a flat front rocker that not only satisfies your aesthetic needs, it guards against
accidental actuation while providing the highest degree of circuit protection and quality. Only Sensata Technologies offers this new standard in user
interface, providing additional peace of mind that guards alone can’t supply.
Available on a variety of versions with a full range of agency approvals, the new IEG BX style circuit breakers meet or exceed all current performance
specifications, including interrupting capacities up to 50,000 amperes. Various guard options offer additional and increasing levels of actuation
protection performance. The two shot mold on the flat rocker surface provides a clean, crisp legend that can withstand demanding use.
IAGBX/IUGBX/IEGBX/CEGBX/LEGBX
.200
[5.08]
1.260
[32.00]
1.660
[42.16]
.750
[19.05]
2X ø .156
[3.96]
Panel Mounting Detail
1.687
[42.85]
2.378 MAX
[60.40]
.387 REF.
[9.84]
1.220
[30.99]
2.000
[50.80]
.125
[3.18]
1.239
[31.47]
1.530
[38.86]
.314
[7.98]
MOUNTING DETAILTOLERANCE:
±.005 [.13] UNLESS NOTED
I
O
OFF
ON
OPTIONAL
GUARD
(SEE DETAIL “A”)
.750
[19.05]
1.660
[42.16]
2.217
[56.31]
SINGLE POLE
6-32THD. MOUNTING
M3 ISOTHD. OPTIONAL
ON
ON
I
ON
I
OFF
O
I
ON
OFF
O
DETAIL "A"
I
O
OFF
ON
ON
I
I
Actuation
access handle
(see note)
OFF
O
Note: Access is limited to a device smaller than the Underwriters Laborator “articulated probe”
Dened in UL-489 FIG. 11.1.7.2.1.
PUSH
TO
RESET
Handle position
"OFF" with guard
(6th decision, G)
Handle position
"OFF" guard with
no actuate “OFF”
feature
(6th decision, X)
Handle position
"ON" guard with
no actuate “OFF”
feature
(6th decision, X)
Handle position
"OFF" without
guard
Handle position
"ON" without
guard
PUSH
TO
RESET
Handle
position "ON"
with guard
(6th decision, G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com