Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 13 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 13 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 9Page - Sensata Technologies, Inc. LEG Datasheet HTML 10Page - Sensata Technologies, Inc. LEG Datasheet HTML 11Page - Sensata Technologies, Inc. LEG Datasheet HTML 12Page - Sensata Technologies, Inc. LEG Datasheet HTML 13Page - Sensata Technologies, Inc. LEG Datasheet HTML 14Page - Sensata Technologies, Inc. LEG Datasheet HTML 15Page - Sensata Technologies, Inc. LEG Datasheet HTML 16Page - Sensata Technologies, Inc. LEG Datasheet HTML 17Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.sensata.com
Page 13
Copyright © 2020 Sensata Technologies, Inc.
DELAY CURVES (IAG/IUG/IEG/CEG/LEG)
400Hz, DC, 50/60Hz Delay Curves (typ)
A choice of delays is offered for DC, 50/60Hz and 400Hz applications. Delays 49, 59 and 69 provide fast acting, instantaneous trip and are often used
to protect sensitive electronic equipment (not recommended where known inrush exists). Delays 41, 51 and 61 have a short delay for general purpose
applications. Delays 42, 52 and 62 are long enough to start certain types of motors and most transformer and capacitor loads. Delays 43, 53 and 63 are
long delays for special motor applications at 400Hz, DC and 60Hz. CEG type units are only available in 51, 52, 53 and 59 delay curves. LEG type units
are only available in 61, 62, 63 and 69 delay curves.
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 61
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 62
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 69
10000
1000
100
10
1
.1
.01
.001
0
100 150 200
300
400
500
600
700
800
900
1000
PERCENT OF RATED CURRENT
125
DELAY 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com