Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 23 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 23 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. LEG Datasheet HTML 23Page - Sensata Technologies, Inc. LEG Datasheet HTML 24Page - Sensata Technologies, Inc. LEG Datasheet HTML 25Page - Sensata Technologies, Inc. LEG Datasheet HTML 26Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
www.sensata.com
Page 23
Copyright © 2020 Sensata Technologies, Inc.
3. Internal Configuration 4. Frequency &
Delay
5. Rated Current
6. Optional
7. Handle Color
& Marking
Selection
TUV / CCC
-1
Series
-61
50/60Hz short
delay
Use three numbers to
print required current
value between .100 amps
minimum and 30.0 amps
maximum.
For example, use:
.100 or 2.00 or 10.0
Standard
hardware. No
designation
required.
See next page
V,T
TUV Approved
The shaded areas denote
TUV approval options.
This approval requires the
addition of a V or a T at the
end of the part number.
The Suffix will be added
to any part number formed
entirely from shaded
decisions. If non-shaded
areas are selected, the unit
will not be TUV Approved,
but other approvals still
apply.
-1REC4
Series w/ auxiliary
switch *
.110 quick connect
-1REC5
Series w/ auxiliary
switch *
.187 quick connect
-A
Metric thread
mounting
inserts and
terminals
-62
50/60Hz long
delay
-1REG4
Series w/ auxiliary
switch*
(gold contacts)
.110 quick connect
-G
Handle guard,
(available in
ZX, BX and
snap-in
versions only)
-1RS4
Series w/ alarm
switch*,
electrical trip,
.110 Q.C. terminals
-L
Handle lock
-63
50/60Hz
motor start
-1RLS4
Series w/ alarm
switch*,
electrical trip, mid-
trip only,
.110 Q.C. terminals
-S
Face plate
sides flush
with breaker
-X*
Handle
guard with
no actuation
feature
(BX rocker
only)
-3
Shunt
-69
50/60Hz 125%
instant trip
C
CCC Approved
This approval requires the
addition of a C at the end
of the part number. The
unit will not be TUV
Approved.
* Only one auxiliary switch is
normally supplied on two pole
units. Switch is located in the
right-hand pole (viewed from
terminal end) unless otherwise
specified.
For addition of inertial
delay, add an “F”
to any
delay numeral. (Not
available on units
rated at
125VAC).
* CEG types are only
available with DC
ratings
-Z
“Z” Barriers
Notes:
1. One or more
descriptions may be
used as required.
2. When this is not
used, table one may be
substituted and U.S.
thread
will be supplied. Unit
will be rated at 250V
(50/60Hz only.)
3. LEGS standard face
plate has beveled
sides(see pg. 90)
* Not available on mid-
trip units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com