Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 19 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 19 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 15Page - Sensata Technologies, Inc. LEG Datasheet HTML 16Page - Sensata Technologies, Inc. LEG Datasheet HTML 17Page - Sensata Technologies, Inc. LEG Datasheet HTML 18Page - Sensata Technologies, Inc. LEG Datasheet HTML 19Page - Sensata Technologies, Inc. LEG Datasheet HTML 20Page - Sensata Technologies, Inc. LEG Datasheet HTML 21Page - Sensata Technologies, Inc. LEG Datasheet HTML 22Page - Sensata Technologies, Inc. LEG Datasheet HTML 23Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.sensata.com
Page 19
Copyright © 2020 Sensata Technologies, Inc.
1. Type & Terminal
2. Poles & Terminals
Options 3-7
Type/Description
Handle and
Mounting Options
Push-on
Terminals
Screw
Terminals
See next page
IAG
IUG*
IEG**
CUG+
CEG++
One
toggle
handle per
unit
Standard
toggle/
mounting, no
designation
required
1
6
Single pole
IAGH
IUGH*
IEGH**
CUGH+
CEGH++
One
toggle
handle per
pole
S
Toggle w/
snap-in
mounting
11
66
Two pole
IDG***
One
toggle
handle per
unit,
marine
ignition
protection
ZX
ZX Rocker
w/ integral
mounting*
111
666
Three pole
IDGH***
One
toggle
handle
per pole
marine
ignition
protection
BX
BX Rocker
w/ integral
mounting
1111
6666
Four pole
IMG**
CMG++
One
toggle
handle
per unit
mid-trip
indication
N
Sealed toggle
w/bushing
mounting**
*Not available in toggle seal handle
type.
IMGH**
CMGH++
One
toggle
handle
per pole
mid-trip
indication
*UL Recognized, CSA
Certified
**UL Recognized, CSA
Certified, TUV Approved
*** UL Recognized
UL1500
+ UL489A Listed CSA
Certified
++ UL489AListed CSA
Certified TUV Approved
Note: Add “F” for flat
screw terminals
* Not available on
mid-trip units
** Available only on
IAG, IUG units
IEG
1
1REC4
61
20.0
01
V
Example : IEG1-1REC4-61-20.0-01-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com