Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEG Datasheet(PDF) 12 Page - Sensata Technologies, Inc.

Part # LEG
Description  Hydraulic Magnetic Circuit Protectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LEG Datasheet(HTML) 12 Page - Sensata Technologies, Inc.

Back Button LEG Datasheet HTML 8Page - Sensata Technologies, Inc. LEG Datasheet HTML 9Page - Sensata Technologies, Inc. LEG Datasheet HTML 10Page - Sensata Technologies, Inc. LEG Datasheet HTML 11Page - Sensata Technologies, Inc. LEG Datasheet HTML 12Page - Sensata Technologies, Inc. LEG Datasheet HTML 13Page - Sensata Technologies, Inc. LEG Datasheet HTML 14Page - Sensata Technologies, Inc. LEG Datasheet HTML 15Page - Sensata Technologies, Inc. LEG Datasheet HTML 16Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.sensata.com
Page 12
Copyright © 2020 Sensata Technologies, Inc.
OPERATING CHARACTERISTICS (CONTINUED)
Percentage of Rated Current vs Trip Time in Seconds
Delay
100%
125%
150%
200%
400%
600%
800%
1000%
41
No Trip
May Trip
.500 to 8.0
.150 to 1.9
.020 to .40
.006 to .25
.004 to .1
.004 to .05
42
No Trip
May Trip
5 to 70
2.2 to 25
.40 to 5.0
.012 to 2
.006 to .2
.006 to .15
43
No Trip
May Trip
35 to 350
12 to 120
1.5 to 20
.012 to 2.2
.01 to .22
.01 to .1
49
No Trip
May Trip
.100 Max
.050 Max
.020 Max
.020 Max
.020 Max
.020 Max
51*
No Trip
.500 to 6.5
.300 to 3.0
.100 to 1.2
.031 to .500
.011 to .25
.004 to .1
.004 to .08
52*
No Trip
2 to 60
1.8 to 30
1 to 10
.15 to 2.0
.015 to 1
.008 to .5
.006 to .1
53*
No Trip
80 to 700
40 to 400
15 to 150
2 to 20
.015 to 9
.015 to .55
.012 to .2
59*
No Trip
.120 Max
.100 Max
.050 Max
.022 Max
.017 Max
.017 Max
.017 Max
61*
No Trip
.700 to 12
.35 to 7.0
.130 to 3.0
.030 to 1
.015 to .3
.01 to .15
.008 to .1
62*
No Trip
10 to 120
6 to 60
2 to 20
.2 to 3.0
.015 to 2
.015 to .8
.01 to .25
63*
No Trip
50 to 700
30 to 400
10 to 150
1.5 to 20
.015 to 10
.013 to .85
.013 to .5
64
No Trip
.7 to 12
.35 to 7
.13 to 3
.030 to 1
.017 to .3
.01 to .16
.008 to .1
65
No Trip
10 to 120
6 to 60
2 to 20
.2 to 3
.02 to 2
.017 to .76
.01 to. 6
66
No Trip
50 to 700
30 to 400
10 to 150
1.5 to 20
.4 to 10
.014 to 5
.014 to 3
69*
No Trip
.120 Max
.100 Max
.050 Max
.022 Max
.017 Max
.017 Max
.017 Max
71**
No Trip
.440 to 10
.300 to 7
.100 to 3.0
.03 to 1
.012 to .3
.004 to .15
.004 to .1
72**
No Trip
1.8 to 100
1.7 to 60
1 to 20
.15 to 3
.015 to 2
.008 to .79
.006 to .28
73**
No Trip
50 to 600
30 to 400
10 to 150
1.8 to 20
.015 to 10
.015 to .88
.011 to .50
79**
No Trip
.120 Max
.100 Max
.050 Max
.023 Max
.016 Max
.015 Max
.015 Max
*CEG type units are available only with 51, 52, ,53 and 59 delays LEG type units are available only with 61, 62, 63 and 69 delays
**135% minimum trip point for delays 71, 72, 73 and 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com