Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 6 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 6 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 2Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 3Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 4Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 5Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 6Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 7Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 10Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 6 of 35
3.0
Electrical Characteristics
3.1
Absolute Maximum Ratings
The absolute maximum ratings define values beyond which damage to the device may occur. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. The functional
operation of the device at these or any other conditions beyond the recommended operating ratings is not
guaranteed.
Parameter
Description
Min.
Max.
Units
VCC5
DC supply voltage
-0.25
7
V
VSIO1_P
VSIO1_N
VSIO2_P
VSIO2_N
Serial IO voltage
-0.48
7
V
VRED
VGREEN
VBLUE
RGB voltage
-0.28
7
V
VPRG5
Programming voltage
-0.2
7
V
VSCLK
VSE
VVDD1V5
Test pin voltage
-0.19
1.5
V
Tstg
Storage temperature
-40°C
150°C
°C
Table 1 - Absolute maximum ratings
Parameter
Value
Units
ESD protection HBM
AEC-Q100-002-E
±2500
V
ESD protection CDM
AEC-Q100-011-C1
±500
V
Table 2
– ESD protection levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com