Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 19 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 19 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 15Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 16Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 17Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 18Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 19Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 20Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 21Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 19 of 35
If a frame with an address equal to the adjacent device address (own address plus one) is received, the
own response to the digLED_Init_Strip command is transmitted thereafter. If the first device has transmitted
its response frame, the chain is ready to process regular commands (non-Init frames).
As soon as a device is initialized, it unconditionally forwards incoming correct frames (Frame-Sync, Freq-
Sync and the RLC coding as well as the frame length are checked) to the adjacent node in the chain.
Frames received from upstream are forwarded downstream and vice versa. If an error is detected, the
forwarding is stopped for this frame.
Name
Description
Equation
tINIT
Initialization duration
n x (tDS_CL + tUS_CL + 2 x tPD)
Table 16
– Initialization duration
4.1.6 Write Access
Most commands of the LED Controller are write-only commands. I.e. the devices receive a command frame
and execute the appropriate actions without any further communication. A write access command may be
directed to a single device (unicast), to all devices (broadcast), or to a defined group of devices (multicast).
As every command frame is forwarded downstream irrespective of its destination address, all stations
always receive all commands. Only its execution depends on the
command’s destination address. To avoid
communication issues, it is recommended to wait 30% of the command length between two consecutive
commands.
Figure 14 - Multiple single ended downstream commands
Parameter
Description
Min.
tDS_Lat
Latency between two downstream commands
0.3
x tDS_CL
Table 17 - Recommended latency between downstream commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com