Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 23 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 23 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 19Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 20Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 21Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 25Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 26Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 27Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 23 of 35
4.2.2 Update
When a new PWM duty cycle has to be applied, this is always done at the end of a PWM cycle. I.e. the
PWM always completes an output cycle using the previously active duty cycle and starts the next output
cycle using the updated duty cycle.
4.2.3 Phase Shift
In order to spread the current consumption of the LEDs over time, a phase shift can be set between the
three PWM channels. This optional function can be enabled/disabled during device initialization.
If the phase shift is deactivated, the red channel controls all three outputs and thus provides the temperature
compensation function for all three channels.
If the phase shift is enabled, it retains even if the output frequency of the channels is different. If a channel
is operating at a lower frequency, it may be considered to leave out one or three full PWM cycles. When
leaving power save mode, the channels are restarted appropriately to again obtain the correct phase shift.
The fixed phase shift is defined in the following table. Please note the absolute phase shift times are nominal
values. I.e. they are subject to vary with the internal
oscillator’s frequency.
PWM Channel
Rel. Phase Shift
Unit
Abs. Phase Shift
Green
0
%
0
Red
25
%
0.25 / PWM Frequency
Blue
75
%
0.75 / PWM Frequency
Table 21
– Phase shift
Figure 17
– Optional phase shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com