Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 28 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 28 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 25Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 26Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 27Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 28Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 29Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 30Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 31Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 32Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 28 of 35
4.7
One Time Programmable Memory
The One Time Programmable Memory (OTP) is used to persistently store values determined during the
device calibration.
4.7.1 Memory Layout
The size of the OTP memory is 128 bit. 32 bits are used for the cryptographic signature. All remaining 96
bits go into the data protected by the signature. The OTP memory layout is detailed in Table 28.
Bit
Addr.
Bit
Size
Field
Description
Value
11:0
12
config
Manufacturing reserved bits
0x001-0xfff
23:12
12
pwm_r_max
Max. PWM value for red LED channel:
0xfff
35:24
12
pwm_g_max
Max. PWM value for green LED channel:
0xfff
47:36
12
pwm_b_max
Max. PWM value for blue LED channel:
0xfff
51:48
4
peak_cur_g
Peak current value for green LED channel
0x4
55:52
4
peak_cur_b
Peak current value for blue LED channel
0x4
64:56
9
temp_offs
Temperature offset
0x109 … 0x1dd
68:65
4
adc_offs
ADC offset calibration value
0x0
… 0xf
72:69
4
adc_vref
ADC reference voltage calibration value
0x0
… 0xf
76:73
4
bias
Bias reference value
0x0
… 0xf
85:77
9
tc_base
Temperature compensation base value:
0x0
94:86
9
tc_offs
Temperature compensation offset value
0x0
95
1
last_fuse
Last fuse, OTP write protection
0x1
111:96
16
sig0
16 lower signature bits
0x0000-0xffff
127:112
16
sig1
16 upper signature bits
0x0000-0xffff
Table 28
– Memory layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com