Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 9 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 9 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 5Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 6Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 7Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 10Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 11Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 12Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 13Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 9 of 35
3.3
Supply Currents
Parameter
Description
Min.
Typ.
Max.
Units
IRED
Peak current RED
23.1
24.9
26.7
mA
IGREEN
Peak current GREEN
19.4
23.1
26.8
mA
IBLUE
Peak current BLUE
19.2
23.0
26.8
mA
IVCC5
VCC5 stand by current
0.9
1.2
1.5
mA
Table 5
– Supply currents
3.4
RGB Peak Current Temperature Drift
Parameter
Temperature
Min.
Typ.
Max.
Units
∆IRED*
-40°C
-1.5
0.3
2.2
%
105°C
-7.8
0.3
7.8
%
∆IGREEN*
-40°C
-4.5
0.5
5.4
%
105°C
-5.5
-0,1
5.5
%
∆IBLUE*
-40°C
-4.7
0.5
4.7
%
105°C
-5.2
-0.6
5.2
%
Table 6
– RGB peak current temperature drift
* ∆Ii = (I25°C, 2V – ITemperature) / I25°C, 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com