Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 10 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 10 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 6Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 7Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 10Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 11Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 12Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 13Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 14Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 10 of 35
3.5
Power-On-Reset (POR)
Parameter
Min.
Typ.
Max.
Units
VPOR
4.0
4.2
4.4
V
Table 7
– Power-on-reset
3.6
Undervoltage-lockout
Parameter
Min.
Typ.
Max.
Units
Vuvlo
3.2
3.3
3.4
V
Table 8
– Undervoltage-lockout
3.7
Undervoltage Detection
Parameter
Min.
Typ.
Max.
Units
Vuvset
4.1
4.2
4.3
V
Vuvclear
4.2
4.3
4.5
V
Table 9
– Undervoltage detection
3.8
Analog Digital Converter
Voltage Source
Voltage Range
ADC Value
Min.
Typ.
Max.
PRG5
0V … 1.2V
VPRG5 x
ε
PRG5
0x0
-
0x1ff
LDO
-
VLDO
0x168
0x17c
0x190
RED
0V … 5.5V
VRED x
ε
RED
0x0
-
0x1ff
GREEN
0V … 5.5V
VGREEN x
ε
GREEN
0x0
-
0x1ff
BLUE
0V … 5.5V
VBLUE x
ε
BLUE
0x0
-
0x1ff
BG
-
VBG
0x11c
0x12d
0x13e
Table 10
– Analog digital converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com