Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 18 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 18 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 14Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 15Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 16Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 17Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 18Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 19Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 20Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 21Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 18 of 35
4.1.4 Bit Retransmission
To ensure a correct bit-timing, the forwarded data is regenerated with the clock of the device. The
retransmission starts with its own frame-sync when it can be guaranteed that a valid frame-sync timing can
be created. A new frequency synchronization is only created after the freq-sync on the reception side has
been received (the first four bits). Therefore, the minimum propagation delay tpd introduced by the
retransmission is four bit widths tBW.
Name
Description
Min.
Typ.
Max.
Unit
tpd
Propagation delay
2
4
5.2
µs
Table 15 - Propagation delay
To guarantee a correct bit-timing the device uses its own clock as reference and will never transmit faster
than its own bit-timing defines, but if the received freq-sync was slower, this timing is used for the
retransmission.
The retransmission uses a FIFO to compensate for speed differences between reception and transmission.
Due to the variance in the oscillator clocks of different devices, after each transmission a pause of 43% of
the nominal transmission time has to be introduced. If the transmission is created by a chip with ±30%
oscillator clock variation the time has to be increased to a total of 70% of the transmission duration.
4.1.5 Initialization
The digLED_Init_Strip command initializes a particular ISELED chain by issuing the command on an
associated ISELED communication channel.
This command is always the first command to be transmitted after power-up or reset. The command
initializes a chain of devices by assigning the address of the device and by en- or disabling the phaseshift,
the CRC and temperature compensation functions. The digLED_Init_Strip command is always executed
with a CRC checksum. This is true for both, the command and the response frame.
If any command is received by a device before initialization, the command is always considered as illegal
and the error status bit for an undefined command is set.
This may happen in the chain’s first device only,
as a non-initialized device does not forward received messages.
If the first device in the chain receives a digLED_Init_Strip command, it takes the received address as its
own device address and afterwards transmits another digLED_Init_Strip frame to the next device in the
chain. It increments the address before the transmission. As the adjacent devices proceed in the same
manner, the devices in the chain get enumerated with ascending addresses. When the final device in the
chain recognizes there is no receiving device at its downstream link, it transmits a response frame upstream.
The response frame to a digLED_Init_Strip command carries the configuration word read from the OTP. It
also transmits the own devices address just initialized.
All upstream devices wait for the responses to be received and forward them towards the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com