Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 14 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 14 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 10Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 11Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 12Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 13Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 14Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 15Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 16Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 17Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 18Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 14 of 35
4.1.2 Half-Duplex Communication
The communication operates in a strict master slave manner. I.e. the microcontroller as the master always
initiates the communication. Depending on the type of command the LED devices may send a response
(read access) or just silently execute the command (write access). There are three basic types of commands
which are described in the following.
4.1.3 Basic Frame Format
Commands and the response to commands are transmitted with serial frames. A serial frame always
consists of a frame_sync section, followed by a frequency_sync section, followed by a run length coded
command section and finally terminated with an optional CRC section. The command and the CRC sections
differ in length between downstream and upstream frames.
The bit encoding ensures a maximum number of adjacent zeros of 4 and a maximum number of adjacent
ones of 5 on the serial line. Some of the bit patterns which cannot occur during regular data transmission
are used for special purposes. A pattern of 6 or more 1-bits is considered as the bus-idle condition. The bus
is idle, when no communication is currently ongoing. A pattern of 15 0-bits is recognized as the so-called
frame synchr
onization. This is the sequence to begin a new frame. The pattern “10101” is the so-called
frequency synchronization pattern. It is used after the frame synchronization to determine the transmitter’s
gross data rate.
Downstream communication is defined as data inputs at SIO1 and outputs at SIO2. This is the data flow for
write commands. Upstream respectively is defined as data inputs at SIO2 and outputs at SIO1. This is the
data flow for the read response.
Figure 10 - Single ended downstream command frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com