Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 22 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 22 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 18Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 19Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 20Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 21Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 25Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 26Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 22 of 35
4.2
PWM Units
4.2.1 Basic Mode of Operation
The LED controller device incorporates three independent PWM channels, one for each LED.
Figure 16
– PWM signal
The resolution is 12 bit. The supported duty cycles are 0/4096 to 4095/4096. The nominal PWM output
frequency is 16MHz ⁄ 215 = 488.3Hz. The frequency is reduced to the half or the quarter of this frequency
with low duty cycles. This ensures a minimum on-
time of 2μs for the LEDs. The minimum output frequency
is 122Hz. The output frequency is not derived from the actual PWM duty cycle but from the RGB value
received from the host. As the DIM command also has impact to the LED intensity, it is accounted for as
well. The actual relationship is given in the following table.
DIM
RGB
PWM Frequency
Unit
Min.
Typ.
Max.
0
8
… 255
341.6
488
634.4
Hz
4
… 7
170.8
244
317.2
Hz
0
… 3
85.4
122
158.6
Hz
1
16
… 255
341.6
488
634.4
Hz
8
… 15
170.8
244
317.2
Hz
0
… 7
85.4
122
158.6
Hz
2
32
… 255
341.6
488
634.4
Hz
16
… 31
170.8
244
317.2
Hz
0
… 15
85.4
122
158.6
Hz
3
64
… 255
341.6
488
634.4
Hz
32
… 63
170.8
244
317.2
Hz
0
… 31
85.4
122
158.6
Hz
Table 20
– DIM parameter relationships between RGB parameters and PWM frequencies
The output frequency is determined independently for each of the PWM channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com