Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 8 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 8 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 4Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 5Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 6Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 7Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 10Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 11Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 12Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 8 of 35
3.2.1 Interface Characteristics
Parameter
Description
Min.
Typ.
Max.
Units
fSIO1_P,single ended
Single ended data rate SIO1_P
1.4
2
2.6
MHz
fSIO1_N,single ended
Single ended clock rate SIO1_N
2.8
4
5.2
MHz
VIH,se
Single ended input high voltage
1.20
-
-
V
VIL,se
Single ended input low voltage
-
-
1.14
V
VIAmp,diff
Differential input amplitude
150
250
325
mV
VOAmp,diff
Differential output amplitude
175
250
325
mV
tSUH
Setup time, data high
189
257
285
ns
tHH
Hold time, data high
218
247
275
ns
tSUL
Setup time, data low
149
227
293
ns
tHL
Hold time, data low
156
228
279
ns
Table 4
– Serial interface parameters
Figure 6 - Setup and hold times single ended upstream response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com