Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 12 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 12 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 10Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 11Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 12Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 13Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 14Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 15Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 16Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 12 of 35
4.0
Functional Description
4.1
Serial Communication
Figure 7
– Serial communication
The attachment to the adjacent devices in the chain is made up by two bidirectional differential serial
communication lines. The direction towards the controlling microcontroller device is referred to as the
“upstream” connection. The opposite direction towards the end of the chain is the “downstream” link. Both
links are controlled by the communication unit. Incoming command frames from upstream and responses
from downstream are passed to the main unit which is responsible for command processing and overall
device control. Commands always originate from the controlling microcontroller. The microcontroller is
referred to as the “host” in this document.
The gross data rate on the serial line is 2Mbit/s, i.e. each bit has a nominal duration of 500 ns. As the on-
die oscillator has a very limited accuracy, the actual bit time may vary significantly. The whole system is
designed for a maximum oscillator variance of ±30%. With the nominal oscillator frequency being 16 MHz,
the actual frequency range is 11.2-20.8MHz.
The device directly attached to the host does not use the differential line mode on the upstream side. Instead
a single-ended line mode is used. The single-ended mode is intended to allow for an easy attachment to
industry standard microcontrollers. Both single-ended lines require an external pull-up at the microcontroller
to 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com