Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 27 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 27 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 25Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 26Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 27Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 28Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 29Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 30Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 31Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 27 of 35
4.6
DIM Function for Accurate Low Light Colors
T
o extend the SET_RGB command’s resolution for accurate low light colors, the INLC10AQ provides the
DIM command. The command divides the PWM duty cycles computed from the RGB setting. There are four
divisors available. Details are shown in Figure 20 and Table 27.
In order to use the full RGB range at the highest dim level (DIM 3), the PWMmax value must be at least 2048.
Figure 20
– DIM function
Parameter
Size
Description
PWMMax
12bit
Brightness calibration value
RGB
8bit
Color intensity value
DIM
2bit
Dimming value
TC
9bit
Temperature compensation factor
PWMGreen/Blue
12bit
((PWMMax x RGB + 128) >> 8) >> DIM
PWMRed (TC disabled)
12bit
((PWMMax x RGB + 128) >> 8) >> DIM
PWMRed (TC enabled)
12bit
((((PWMMax x RGB + 128) >> 8) x TC + 256) >> 9) >> DIM
Table 27
– DIM function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com