Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ-R4.5 Datasheet(PDF) 1 Page - inova Semiconductors

Part # INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Datasheet(HTML) 1 Page - inova Semiconductors

  INLC10AQ-R4.5 Datasheet HTML 1Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 2Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 3Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 4Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 5Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 6Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 7Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 8Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 9Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 1 of 35
Smart LED Driver &
Controller
Product description:
The INLC10AQ is a LED driver and controller chip.
It is a mixed signal device in a 16 lead WETQFN
package.
LED chains can be built up by daisy-chaining
several INLC10AQ devices or other ISELED
products via a differential bidirectional serial bus.
For that purpose, the INLC10AQ device can also
act as a converter of single ended to differential
bus
signals
only.
The
chip
provides
three
independent
constant
current
sinks,
each
controlled via PWM.
In an LED chain, each device is individually
addressable via the serial bus. A proprietary bus
protocol is used, optimized for this particular
application.
Applications:
•
Ambient lighting
•
Roof lighting
•
Display backlight
•
Functional lighting
•
Converting of single ended to differential
bus signals
Features:
•
488Hz, 12-bit PWM
•
Temperature compensation for red channel
•
8-bit brightness resolution for red, green,
and blue LED
•
Additional dimming function for accurate
low light colors
•
Maximum of 4079 devices in one LED
chain
•
Bidirectional, half-duplex, 2Mbps, CRC
protected serial communication
•
Support for 16 multicast address groups
•
Eight times serial line oversampling for
communication robustness
•
On-die oscillator
•
Built-in diagnostic functions
16 lead WETQFN package:
•
Exposed pad
•
3mm x 3mm x 0.9mm
•
0.5 pitch
Temperature Range:
•
-40°C to +105°C
Qualification:
•
AEC-Q100
INLC10AQ


Similar Part No. - INLC10AQ-R4.5

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
INL-3AX30 INOLUX-INL-3AX30 Datasheet
1Mb / 12P
3 mm Through Hole Lamp
INL-3AYG30 INOLUX-INL-3AYG30 Datasheet
1Mb / 12P
3 mm Through Hole Lamp
INL-5AX30 INOLUX-INL-5AX30 Datasheet
1Mb / 12P
5 mm Through Hole Lamp
INL-5AYG30 INOLUX-INL-5AYG30 Datasheet
1Mb / 12P
5 mm Through Hole Lamp
logo
Energizer
INL2AAE ENERGIZER-INL2AAE Datasheet
154Kb / 1P
LED Project Light
More results

Similar Description - INLC10AQ-R4.5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Texas Instruments
LM3466 TI1-LM3466_12 Datasheet
283Kb / 13P
Smart Linear LED Driver for Multi-Channel LED Systems
February 2, 2012
logo
Linear Technology
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
Texas Instruments
TLC5920 TI1-TLC5920_09 Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
LED DRIVER CONTROLLER
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com